Part Number Hot Search : 
LCX03 AM4966N MHE1205S SI4850EY FDY101PZ 3323W105 SI913611 L1939
Product Description
Full Text Search
 

To Download B2-053R3D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b2 - dil series 0.6 to 1 watt isolated dc-dc converter dual split regulated output bothhand usa. http://www.bothhand.com 1. features : 14 pin dil package low ripple and noise input / output isolation 1k vdc or 3k vdc 100 % burn-in input filter with internal capacitor custom design available 2. absolu te maximum ratings ( exceeding these values may damage the module. these are not continuous operating ratings ) parameter condition min. typ. max. unit 5v input model -0.7 5 7.5 12v input model -0.7 12 15 input absolute voltage range 24v input model -0.7 24 30 vdc max. output power --- --- 1 w output short circuit duration --- --- 1.0 second operating temperature output full load -40 --- +85 storage temperature -55 --- +105 3. nominal input / output electrical specifications : ( specifications typical at ta = +25 , nominal input voltage, rated output current unless otherwise noted ) parameter condition min. typ. max. unit 5v input model 4.5 5 5.5 12v input model 10.8 12 13.2 input voltage range 24v input model 21.6 24 26.4 vdc output voltage accuracy nominal input --- --- 1.0 output voltage balance dual output same load --- --- 0.3 % switching frequency --- 45 --- khz temperature coefficient --- 0.01 0.02 % / standard series 1000 --- --- isolation voltage high isolation series 3000 --- --- vdc isolation resistance 500 vdc 1000 --- --- m isolation capacitance 1 khz / 250 mv rms --- 80 --- pf line regulation --- --- 0.4 %
b2 - dil series 0.6 to 1 watt isolated dc-dc converter dual split regulated output bothhand usa. http://www.bothhand.com 4. model selec tion guide ! ! ! ! 4.1. 1k vdc is olation ? dual split output ( specifications typical at ta = +25 " , nominal input voltage, rated output current unless otherwise noted ) bothhand model no. input voltage (vdc) output voltage (vdc) output current (ma) max. input current @ no load (ma) typ. input current @ max. load (ma) typ. output ripple (mv) max. load regulation (%) max. efficiency (%) typ. b2-0503d 3.0 3.0 100 100 28 226 45 0.3 53 B2-053R3D 3.3 3.3 100 100 28 249 45 0.3 53 b2-054r8d 4.85 4.85 100 100 28 359 45 0.3 54 b2-0505d 5 5.0 5.0 100 100 28 370 45 0.3 54 b2-1203d 3.0 3.0 100 100 18 93 45 0.3 54 b2-123r3d 3.3 3.3 100 100 18 102 45 0.3 54 b2-124r8d 4.85 4.85 100 100 18 147 45 0.3 55 b2-1205d 12 5.0 5.0 100 100 18 152 45 0.3 55 b2-2403d 3.0 3.0 100 100 5 46 45 0.3 54 b2-243r3d 3.3 3.3 100 100 5 51 45 0.3 54 b2-244r8d 4.85 4.85 100 100 5 73 45 0.3 55 b2-2405d 24 5.0 5.0 100 100 5 76 45 0.3 55 b2-xxxxd notes ! 1. b2-xxxxd is for customer design. 2. load regulation is for output current change from 0 % to 100 % max. load. mechanical dimensi on ! ! ! ! (1). detail dimension pin 1k vdc -dual split pin 1 -vin +vin 14 2 13 3 --- 12 4 vo1 (+) 11 5 --- 10 6 --- vo2 (+) 9 7 nc ground 8 note ! ? --- ? means omitted units : mm ( inch ) tolerance : .xx 0.25 ( 0.01 )
b2 - dil series 0.6 to 1 watt isolated dc-dc converter dual split regulated output bothhand usa. http://www.bothhand.com 4.2. 3k vdc is olation - dual split output ( specifications typical at ta = +25 " , nominal input voltage, rated output current unless otherwise noted ) bothhand model no. input voltage (vdc) output voltage (vdc) output current (ma) max. input current @ no load (ma) typ. input current @ max. load (ma) typ. output ripple (mv) max. load regulation (%) max. efficiency (%) typ. b2-0503dh 3.3 3.3 100 100 28 226 45 0.3 53 B2-053R3Dh 3.3 3.3 100 100 28 249 45 0.3 53 b2-054r8dh 4.85 4.85 100 100 28 359 45 0.3 54 b2-0505dh 5 5.0 5.0 100 100 28 370 45 0.3 54 b2-1203dh 3.0 3.0 100 100 18 93 45 0.3 54 b2-123r3dh 3.3 3.3 100 100 18 102 45 0.3 54 b2-124r8dh 4.85 4.85 100 100 18 147 45 0.3 55 b2-1205dh 12 5.0 5.0 100 100 18 152 45 0.3 55 b2-2403dh 3.0 3.0 100 100 5 46 45 0.3 54 b2-243r3dh 3.3 3.3 100 100 5 51 45 0.3 54 b2-244r8dh 4.85 4.85 100 100 5 73 45 0.3 55 b2-2405dh 24 5.0 5.0 100 100 5 76 45 0.3 55 b2-xxxxdh notes ! 1. b2-xxxxdh is for customer design. 2. load regulation is for output current change from 0 % to 100 % max. load. mechanical dimensi on ! ! ! ! (1). detail dimension pin 3k vdc - dual split pin 1 -vin +vin 14 2 13 3 12 4 --- 11 5 vo1 (+) 10 6 --- ground 9 7 nc vo2 (+) 8 note ! ? --- ? means omitted units : mm ( inch ) tolerance : .xx 0.25 ( 0.01 )


▲Up To Search▲   

 
Price & Availability of B2-053R3D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X